データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L6480HTR データシート(PDF) 41 Page - STMicroelectronics

部品番号 L6480HTR
部品情報  The L6480, realized in analog mixed signal technology, is an advanced fully integrated solution suitable for driving two-phase bipolar stepper motors with microstepping.
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6480HTR データシート(HTML) 41 Page - STMicroelectronics

Back Button L6480HTR Datasheet HTML 37Page - STMicroelectronics L6480HTR Datasheet HTML 38Page - STMicroelectronics L6480HTR Datasheet HTML 39Page - STMicroelectronics L6480HTR Datasheet HTML 40Page - STMicroelectronics L6480HTR Datasheet HTML 41Page - STMicroelectronics L6480HTR Datasheet HTML 42Page - STMicroelectronics L6480HTR Datasheet HTML 43Page - STMicroelectronics L6480HTR Datasheet HTML 44Page - STMicroelectronics L6480HTR Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
L6480
Serial interface
Doc ID 023278 Rev 3
41/73
Figure 20.
Daisy chain configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73