データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8290 データシート(PDF) 8 Page - Allegro MicroSystems

部品番号 A8290
部品情報  Single LNB Supply and Control Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8290 データシート(HTML) 8 Page - Allegro MicroSystems

Back Button A8290 Datasheet HTML 4Page - Allegro MicroSystems A8290 Datasheet HTML 5Page - Allegro MicroSystems A8290 Datasheet HTML 6Page - Allegro MicroSystems A8290 Datasheet HTML 7Page - Allegro MicroSystems A8290 Datasheet HTML 8Page - Allegro MicroSystems A8290 Datasheet HTML 9Page - Allegro MicroSystems A8290 Datasheet HTML 10Page - Allegro MicroSystems A8290 Datasheet HTML 11Page - Allegro MicroSystems A8290 Datasheet HTML 12Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Single LNB Supply and Control Voltage Regulator
A8290
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
IOUT(LNBX)
0
+A
≤tDIS
≤tDIS
≤tDIS
2000 ms
Start-up
Continuous Operation
LNB
Reconfiguration
Short
Circuit
Continuous Operation
900 mA,
typical
700 mA
650 mA
t
Safe Operating Area
Short Circuit Handling
If the LNB output is shorted to ground, the LNB output current
will be clamped to 900 mA, typical. If the short circuit condition
lasts for more than 48 ms, the A8290 will be disabled and the
OCP bit will be set.
Auto-Restart
After a short circuit condition occurs, the host controller should
periodically reenable the A8290 to check if the short circuit has
been removed. Consecutive startup attempts should allow at least
5 s of delay between restarts.
In-Rush Current
At start-up or during an LNB reconfiguration event, a tran-
sient surge current above the normal DC operating level can be
provided by the A8290. This current increase can be as high as
900 mA, typical, for as long as required, up to a maximum of
48 ms.
DC current
The A8290 can handle up to 700 mA per channel individually,
during continuous operation.
Tone Detection
A 22 kHz tone detector is provided in the A8290 solution. The
detector extracts the tone signal and provides it as an open-drain
signal on the TDO pin. The maximum tone out error is ±1 tone
cycle, and the maximum tone out delay with respect to the input
is 1 tone cycle. Detection thresholds are given in table 1.
Tone Generation
The A8290 solution offers four options for tone generation,
providing maximum flexibility to cover every application. The
Table 1. Detection Thresholds for Tone Generation Options
Transmit
Receive
Option
(Fig. 1)
1
2
3
4
n.a.
n.a.
TMODE
1
1
0
0
0
1
TGATE
Control
0/1
1
Control
0/1
1
At least one must
be 0 to prevent
tone transmission
EXTM
1
Control
0/1
22 kHz
logic
signal,
continuous
Control
gated
22 kHz
logic
signal
Guaranteed
Detection
Threshold
(mVPP)
400
400
300
300
300
400
Rejection
Threshold
(mVPP)
100
100
100
100
100
100
Figure 1. ODT (Overcurrent Disable Timing) Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com