データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8290 データシート(PDF) 10 Page - Allegro MicroSystems

部品番号 A8290
部品情報  Single LNB Supply and Control Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8290 データシート(HTML) 10 Page - Allegro MicroSystems

Back Button A8290 Datasheet HTML 6Page - Allegro MicroSystems A8290 Datasheet HTML 7Page - Allegro MicroSystems A8290 Datasheet HTML 8Page - Allegro MicroSystems A8290 Datasheet HTML 9Page - Allegro MicroSystems A8290 Datasheet HTML 10Page - Allegro MicroSystems A8290 Datasheet HTML 11Page - Allegro MicroSystems A8290 Datasheet HTML 12Page - Allegro MicroSystems A8290 Datasheet HTML 13Page - Allegro MicroSystems A8290 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Single LNB Supply and Control Voltage Regulator
A8290
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
The Read/Write bit is used to determine the data transfer direc-
tion. If the Read/Write bit is high, the master reads the contents of
register 1, followed by register 2 if a further read is performed. If
the Read/Write bit is low, the master writes data to one of the two
Control registers. Note that multiple writes are not permitted. All
write operations must be preceded with the address.
The Acknowledge bit has two functions. It is used by the mas-
ter to determine if the slave device is responding to its address
and data, and it is used by the slave when the master is reading
data back from the slave. When the A8290 decodes the 7-bit ad-
dress field as a valid address, it responds by pulling SDA low
during the ninth clock cycle.
During a data write from the master, the A8290 also pulls SDA
low during the clock cycle that follows the data byte, in order to
indicate that the data has been successfully received. In both cas-
es, the master device must release the SDA line before the ninth
clock cycle, in order to allow this handshaking to occur.
During a data read, the A8290 acknowledges the address in the
same way as in the data write sequence, and then retains control
of the SDA line and send the data from register 1 to the master.
On completion of the eight data bits, the A8290 releases the SDA
line before the ninth clock cycle, in order to allow the master to
acknowledge the data. If the master holds the SDA line low dur-
ing this Acknowledge bit, the A8290 responds by sending the
data from register 2 to the master. Data bytes continue to be sent
to the master until the master releases the SDA line during the
Acknowledge bit. When this is detected, the A8290 stops sending
data and waits for a stop signal.
Interrupt Request
The A8290 also provides an interrupt request pin, IRQ, which
is an open-drain, active-low output. This output may be connect-
ed to a common IRQ line with a suitable external pull-up and can
be used with other I2C™-compatible devices to request attention
from the master controller.
1
2
3
4
5
6
7
8
9
0
0
0
1
0
A1
A0
0
AK
AK
I0
D5
D4
D3
D2
D1
D0
I1
Control Data
Address
Start
W
Stop
SDA
SCL
0
0
0
1
0
A1
A0
1
AK
D6
D5
D4
D3
D2
D1
D0
D7
NAK
Status Register 1
Address
Start
R
Stop
1
2
3
4
5
6
7
8
9
SDA
SCL
0
0
0
1
0
A1
A0
1
AK
D6
D5
D4
D3
D2
D1
D0
D7
-
-
-
D3
D2
D1
D0
-
AK
NAK
Status Data in Register 2
Address
Start
R
Stop
Status Data in Register 1
1
2
3
4
5
6
7
8
9
SDA
SCL
acknowledge
from LNBR
acknowledge
from LNBR
acknowledge
from LNBR
no acknowledge
from master
no acknowledge
from master
acknowledge
from LNBR
acknowledge
from LNBR
Write to Register
Read One Byte from Register
Read Multiple Bytes from Register
Figure 3. I2C™ Interface. Read and write sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com