データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A8290 データシート(PDF) 16 Page - Allegro MicroSystems

部品番号 A8290
部品情報  Single LNB Supply and Control Voltage Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ALLEGRO [Allegro MicroSystems]
ホームページ  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8290 データシート(HTML) 16 Page - Allegro MicroSystems

Back Button A8290 Datasheet HTML 12Page - Allegro MicroSystems A8290 Datasheet HTML 13Page - Allegro MicroSystems A8290 Datasheet HTML 14Page - Allegro MicroSystems A8290 Datasheet HTML 15Page - Allegro MicroSystems A8290 Datasheet HTML 16Page - Allegro MicroSystems A8290 Datasheet HTML 17Page - Allegro MicroSystems A8290 Datasheet HTML 18Page - Allegro MicroSystems A8290 Datasheet HTML 19Page - Allegro MicroSystems A8290 Datasheet HTML 20Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Single LNB Supply and Control Voltage Regulator
A8290
16
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Table 6. Status Register 1
Bit
Name
Function
0
DIS
LNB output disabled
1
Not Used
2
OCP
Overcurrent
3
Not Used
4
PNG
Power Not Good
5
Not Used
6
TSD
Thermal Shutdown
7
VUV
VIN Undervoltage
Bit 0
DIS
LNB Output Disabled. DIS is used to indicate the current condition of the LNB
output. At power-on, or if a fault condition occurs, DIS will be set. This bit changing
to 1 does not cause the IRQ to activate because the LNB output may be disabled in-
tentionally by the I2C™ master. This bit will be reset at the end of a write sequence
if the LNB output is enabled.
Bit 1
Not used.
Bit 2
OCP
Overcurrent. If the LNB output detects an overcurrent condition, for greater than
48 ms, the LNB output will be disabled. The OCP bit will be set to indicate that an
overcurrent has occurred and the disable bit, DIS, will be set. The Status register is
updated on the rising edge of the 9th clock pulse in the data read sequence, where the
OCP bit is reset in all cases, allowing the master to reenable the LNB output.
Bit 3
Not used.
Bit 4
PNG
Power Not Good. Set to 1 when the LNB voltage is below 85% of the programmed
voltage. The PNG bit is reset when the LNB voltage is within 90% of the pro-
grammed LNB voltage. PNG is always active so, if the LNB output is disabled, then
PNG will be a logic 1. At power-up, PNG reports a logic 1 until the LNB output is
enabled and within 90% of the programmed LNB voltage.
Bit 5
Not used.
Bit 6
TSD
Thermal shutdown. 1 indicates that the A8290 has detected an overtemperature
condition and has disabled the LNB output. The disable bit, DIS, will also be set.
The status of the overtemperature condition is sampled on the rising edge of the 9th
clock pulse in the data read sequence. If the condition is no longer present, then the
TSD bit will be reset, allowing the master to reenable the LNB output if required. If
the condition is still present, then the TSD bit will remain at 1.
Bit 7
VUV
Undervoltage Lockout. 1 indicates that the A8290 has detected that the input sup-
ply, VIN is, or has been, below the minimum level and an undervoltage lockout has
occurred disabling the LNB outputs. The disable bit, DIS, will also be set and the
A8290 will not reenable the output until so instructed by writing the relevant bit into
the control registers. The status of the undervoltage condition is sampled on the rising
edge of the 9th clock pulse in the data read sequence. If the condition is no longer
present, then the VUV bit will be reset allowing the master to reenable the LNB out-
put if required. If the condition is still present, then the VUV bit will remain at 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com