| データシートサーチシステム |
|
WM8953ECS/RV データシート(PDF) 39 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8953ECS/RV データシート(HTML) 39 Page - Wolfson Microelectronics plc |
|
39 / 100 page ![]() Production Data WM8953 w PD, January 2009, Rev 4.0 39 DIGITAL AUDIO PATHS The ADC data can be routed in different ways to the digital audio interface. Data from either of the two ADCs can be routed to either the left or the right channel of the digital audio interface. Independent functions enable either of the audio channels to be digitally inverted if required. See "Digital Audio Interface" for more information on the audio interface. Figure 20 shows the digital audio paths available in the WM8953 digital core. ADCR_ENA HIGH PASS FILTER (VOICE OR HI-FI) HIGH PASS FILTER (VOICE OR HI-FI) ADC ADC ADCL_DATINV ADCL_VOL [7:0] ADCR_VOL [7:0] DIGITAL AUDIO INTERFACE A-law and u-law support TDM Support en en ADCR_DATINV AIFADCR_SRC AIFADCL_SRC en en ADCL_ENA DIGITAL CORE ADC_HPF_ENA ADC_HPF_CUT [1:0] Figure 20 Digital Audio Paths |