| データシートサーチシステム |
|
WM8953ECS/RV データシート(PDF) 5 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8953ECS/RV データシート(HTML) 5 Page - Wolfson Microelectronics plc |
|
5 / 100 page ![]() Production Data WM8953 w PD, January 2009, Rev 4.0 5 PIN DESCRIPTION PIN NO NAME TYPE DESCRIPTION A2 MICBIAS Analogue Output Microphone bias D3 LIN1 Analogue Input Left channel single-ended MIC input / Left channel negative differential MIC input C5 LIN2 Analogue Input Left channel line input / Left channel positive differential MIC input C6 LIN3 / GPI7 Analogue Input / Digital Input Left channel line input / Left channel negative differential MIC input / Accessory or button detect input pin B6 LIN4 Analogue Input Left channel line input / Left channel positive differential MIC input / D4 RIN1 Analogue Input Right channel single-ended MIC input / Right channel negative differential MIC input D6 RIN2 Analogue Input Right channel line input / Right channel positive differential MIC input D5 RIN3 / GPI8 Analogue Input / Digital Input Right channel line input / Right channel negative differential MIC input / Accessory or button detect input pin E5 RIN4 Analogue Input Left channel line input / Left channel positive differential MIC input / F6 DCVDD Supply Digital core supply E6 DGND Supply Digital ground (Return path for both DCVDD and DBVDD) G6 DBVDD Supply Digital buffer (I/O) supply A6 AVDD Supply Analogue supply A3, B1, B3 AGND Supply Analogue ground (Return path for AVDD) F5 MCLK Digital Input Master clock G5 BCLK Digital Input / Output Audio interface bit clock E4 ADCLRC Digital Input / Output Audio interface ADC left / right clock F4 ADCDAT Digital Output ADC digital audio data E2 MODE Digital Input Selects 2-wire or 3/4 -wire control F2 CSB / ADDR Digital Input 3/4 -wire chip select or 2-wire address select F1 SCLK Digital Input Control interface clock input E3 SDIN Digital Input / Output Control interface data input / 2-wire acknowledge output C3 VMID Analogue Output Midrail voltage decoupling capacitor G2 GPIO3 Digital Input / Output GPIO pin G3 GPIO4 Digital Input / Output GPIO pin G1 GPIO5 Digital Input / Output GPIO pin A1, A4, A5, B2, B4, B5, C1, C2, C4, D1, D2, E1, F3, G4 DNC Do Not Connect |