| データシートサーチシステム |
|
WM8953ECS/RV データシート(PDF) 32 Page - Wolfson Microelectronics plc |
|
|
|||||||||||||||||||||||||||||
WM8953ECS/RV データシート(HTML) 32 Page - Wolfson Microelectronics plc |
|
32 / 100 page ![]() WM8953 Production Data w PD, January 2009, Rev 4.0 32 REGISTER ADDRESS BIT LABEL DEFAULT DESCRIPTION 4:0 RIN12VOL [4:0] 01011b (0dB) RIN12 Volume (See Table 8 for volume range) 8 IPVU[3] N/A Input PGA Volume Update Writing a 1 to this bit will cause all input PGA volumes to be updated simultaneously (LIN12, LIN34, RIN12 and RIN34) 7 RI34MUTE 1b RIN34 PGA Mute 0 = Disable Mute 1 = Enable Mute 6 RI34ZC 0b RIN34 PGA Zero Cross Detector 0 = Change gain immediately 1 = Change gain on zero cross only R27 (1Bh) 4:0 RIN34VOL [4:0] 01011b (0dB) RIN34 Volume (See Table 8 for volume range) Table 7 Input PGA Volume Control |