| データシートサーチシステム |
|
STM32F407IGH6 データシート(PDF) 105 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F407IGH6 データシート(HTML) 105 Page - STMicroelectronics |
|
105 / 185 page ![]() DocID022152 Rev 4 105/185 STM32F405xx, STM32F407xx Electrical characteristics tERASE64KB Sector (64 KB) erase time Program/erase parallelism (PSIZE) = x 8 - 1200 2400 ms Program/erase parallelism (PSIZE) = x 16 - 700 1400 Program/erase parallelism (PSIZE) = x 32 - 550 1100 tERASE128KB Sector (128 KB) erase time Program/erase parallelism (PSIZE) = x 8 -2 4 s Program/erase parallelism (PSIZE) = x 16 -1.3 2.6 Program/erase parallelism (PSIZE) = x 32 -1 2 tME Mass erase time Program/erase parallelism (PSIZE) = x 8 -16 32 s Program/erase parallelism (PSIZE) = x 16 -11 22 Program/erase parallelism (PSIZE) = x 32 -8 16 Vprog Programming voltage 32-bit program operation 2.7 - 3.6 V 16-bit program operation 2.1 - 3.6 V 8-bit program operation 1.8 - 3.6 V 1. Based on characterization, not tested in production. 2. The maximum programming time is measured after 100K erase operations. Table 39. Flash memory programming (continued) Symbol Parameter Conditions Min(1) Typ Max(1) Unit |