| データシートサーチシステム |
|
HT45F4M データシート(PDF) 69 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F4M データシート(HTML) 69 Page - Holtek Semiconductor Inc |
|
69 / 138 page ![]() Rev. 1.10 68 �an�a�� 1�� �01� Rev. 1.10 69 �an�a�� 1�� �01� HT45F4M Lithium Battery Backup Power ASSP MCU HT45F4M Lithium Battery Backup Power ASSP MCU Leadi ng Ed ge Tn ON b it 0 ® 1 S/ W Co mm an d SET " Tn ON " or TC Kn P in T ra ns it io n Tn ON b it 1 ® 0 S/ W Co mm an d CL R "T nO N" or CCR A Ma tc h C om pa re Pu ls e Wi dt h = CCRA V al ue Tr a ili ng E dge TM n Ou tp ut P in Single Pulse Generation (n= 0) CCRA CCRP CCRP Int. FlagTnPF CCRA Int. FlagTnAF TM O/P Pin TnOC = 1 TnON üüüüü set b� CCRA TnIO1� TnIO0 = 11 No CCRP Inte���pt gene�ated Co�nte� Stops b� softwa�e Co�nte� �eset whenTnON �et��ns high Time TnPOL O�tp�t Inve�ts When TnPOL = 1 TM O/PPin TnOC = 0 TnPAU Res�me Pa�se Softwa�e T�igge� TCn pin Clea�ed b� CCRA match TCKn pin T�igge� A�to. set b� TCKn pin Softwa�e Clea� Softwa�e T�igge� Softwa�e T�igge� TnM [1:0] = 10; TnIO [1:0] = 11 Co�nte� Val�e üüüüüüü b� CCRA TnIO1� TnIO0 = 11 Single P�lse O�tp�t TnIO1� TnIO0 = 00 üüüüüüü Softwa�e T�igge� Single Pulse Mode Note:1.CounterstoppedbyCCRAmatch 2.CCRPisnotused 3.ThepulseistriggeredbytheTCKnpinorsettingtheTnONbithigh 4.ATCKnpinactiveedgewillautomaticallysettheTnONbithigh 5.IntheSinglePulseMode,TnIO[1:0]mustbesetto“11”andcannotbechanged. 6.n=0 |