| データシートサーチシステム |
|
HT45F4M データシート(PDF) 14 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F4M データシート(HTML) 14 Page - Holtek Semiconductor Inc |
|
14 / 138 page ![]() Rev. 1.10 14 �an�a�� 1�� �01� Rev. 1.10 1� �an�a�� 1�� �01� HT45F4M Lithium Battery Backup Power ASSP MCU HT45F4M Lithium Battery Backup Power ASSP MCU System Architecture Akeyfactorinthehigh-performancefeaturesoftheHoltekrangeofmicrocontrollersisattributed totheirinternalsystemarchitecture.Thedevicetakesadvantageoftheusualfeaturesfoundwithin RISCmicrocontrollersprovidingincreasedspeedofoperationandenhancedperformance.The pipeliningschemeisimplementedinsuchawaythatinstructionfetchingandinstructionexecution areoverlapped,henceinstructionsareeffectivelyexecutedinonecycle,withtheexceptionofbranch orcallinstructions.An8-bitwideALUisusedinpracticallyallinstructionsetoperations,which carriesoutarithmeticoperations,logicoperations,rotation,increment,decrement,branchdecisions, etc.TheinternaldatapathissimplifiedbymovingdatathroughtheAccumulatorandtheALU. CertaininternalregistersareimplementedintheDataMemoryandcanbedirectlyorindirectly addressed.Thesimpleaddressingmethodsoftheseregistersalongwithadditionalarchitectural featuresensurethataminimumofexternalcomponentsisrequiredtoprovideafunctionalI/Oand A/Dcontrolsystemwithmaximumreliabilityandflexibility.Thismakesthedevicesuitableforlow- cost,high-volumeproductionforcontrollerapplications. Clocking and Pipelining Themainsystemclock,derivedfromeitheranHIRCorLIRCoscillatorissubdividedintofour internallygeneratednon-overlappingclocks,T1~T4.TheProgramCounterisincrementedatthe beginningoftheT1clockduringwhichtimeanewinstructionisfetched.TheremainingT2~T4 clockscarryoutthedecodingandexecutionfunctions.Inthisway,oneT1~T4clockcycleforms oneinstructioncycle.Althoughthefetchingandexecutionofinstructionstakesplaceinconsecutive instructioncycles,thepipeliningstructureofthemicrocontrollerensuresthatinstructionsare effectivelyexecutedinoneinstructioncycle.Theexceptiontothisareinstructionswherethe contentsoftheProgramCounterarechanged,suchassubroutinecallsorjumps,inwhichcasethe instructionwilltakeonemoreinstructioncycletoexecute. Fe tc h In s t. (P C) Ex ec ut e In s t. ( PC -1 ) Fe tc h In st . (P C+ 1) Ex ec ut e In s t. ( PC ) Fe tc h In st . (P C+ 2) Ex ec ut e In s t. ( PC +1 ) PC PC +1 PC +2 f SY S (S ys te m Cl o ck) Ph as e Cl o ck T1 Pr ogr am C ount er Ph as e Cl o ck T2 Ph as e Cl o ck T3 Ph as e Cl o ck T4 Pi pe li ni ng System Clock and Pipelining |