データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93C66M93C66-R データシート(PDF) 14 Page - STMicroelectronics

部品番号 M93C66M93C66-R
部品情報  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66M93C66-R データシート(HTML) 14 Page - STMicroelectronics

Back Button M93C66M93C66-R Datasheet HTML 10Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 11Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 12Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 13Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 14Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 15Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 16Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 17Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 33 page
background image
Instructions
M93C86xx M93C76xx M93C66xx M93C56xx M93C46xx
14/33
DocID4997 Rev 13
Figure 4. READ, WRITE, WEN, WDS sequences
1. For the meanings of An, Xn, Qn and Dn, see Table 4, Table 5 and Table 6.
AI00878d
1 1 0 An
A0
Qn
Q0
DATA OUT
D
S
Q
Read
S
Write
ADDR
OP
CODE
1 0An
A0
DATA IN
D
Q
OP
CODE
Dn
D0
1
BUSY
READY
S
Write
Enable
1
0Xn X0
D
OP
CODE
1
01
S
Write
Disable
1
0Xn X0
D
OP
CODE
0
0
0
CHECK
STATUS
ADDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33