データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93C66M93C66-R データシート(PDF) 15 Page - STMicroelectronics

部品番号 M93C66M93C66-R
部品情報  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66M93C66-R データシート(HTML) 15 Page - STMicroelectronics

Back Button M93C66M93C66-R Datasheet HTML 11Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 12Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 13Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 14Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 15Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 16Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 17Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 18Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 33 page
background image
DocID4997 Rev 13
15/33
M93C86xx M93C76xx M93C66xx M93C56xx M93C46xx
Instructions
5.2.3
Write All
As with the Erase All Memory (ERAL) instruction, the format of the Write All Memory with
same Data (WRAL) instruction requires that a dummy address be provided. As with the
Write Data to Memory (WRITE) instruction, the format of the Write All Memory with same
Data (WRAL) instruction requires that an 8-bit data byte, or 16-bit data word, be provided.
This value is written to all the addresses of the memory device. The completion of the cycle
can be detected by monitoring the READY/BUSY line, as described next.
Figure 5. WRAL sequence
1. For the meanings of Xn and Dn, please see Table 4, Table 5 and Table 6.
AI00880C
S
WRITE
ALL
DATA IN
D
Q
ADDR
OP
CODE
Dn
D0
BUSY
READY
CHECK
STATUS
1
0 0
0
1 Xn X0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33