データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

M93C66M93C66-R データシート(PDF) 17 Page - STMicroelectronics

部品番号 M93C66M93C66-R
部品情報  16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93C66M93C66-R データシート(HTML) 17 Page - STMicroelectronics

Back Button M93C66M93C66-R Datasheet HTML 13Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 14Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 15Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 16Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 17Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 18Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 19Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 20Page - STMicroelectronics M93C66M93C66-R Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 33 page
background image
DocID4997 Rev 13
17/33
M93C86xx M93C76xx M93C66xx M93C56xx M93C46xx
READY/BUSY status
6
READY/BUSY status
While the Write or Erase cycle is underway, for a WRITE, ERASE, WRAL or ERAL
instruction, the Busy signal (Q=0) is returned whenever Chip Select input (S) is driven high.
(Please note, though, that there is an initial delay, of tSLSH, before this status information
becomes available). In this state, the M93Cx6 ignores any data on the bus. When the Write
cycle is completed, and Chip Select Input (S) is driven high, the Ready signal (Q=1)
indicates that the M93Cx6 is ready to receive the next instruction. Serial Data Output (Q)
remains set to 1 until the Chip Select Input (S) is brought low or until a new start bit is
decoded.
7
Initial delivery state
The device is delivered with all bits in the memory array set to 1 (each byte contains FFh).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33