| データシートサーチシステム |
|
OMAP3530ECBC72 データシート(PDF) 194 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBC72 データシート(HTML) 194 Page - Texas Instruments |
|
194 / 264 page ![]() cam_xclki cam_pclk cam_d[9:0] SOF D(0) D(n-1) EOF SOF D(0) D(n-1) EOF ISP15 ISP16 ISP16 ISP17 ISP23 ISP24 ISP18 ISP18 030-058 OMAP3530/25 Applications Processor SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009 www.ti.com Figure 6-27. ISP – ITU Mode(1)(2) (1) The unused lines must be grounded and the data bus must be connected to the lower data lines. It is possible to shift the data to 0, 2, or 4 data internal lanes. The different configurations are: cam_d[11:4] or cam_d[7:0] in 8-bit mode and cam_d[11:2] or cam_d[9:0] in 10-bit mode. (2) The parallel camera in ITU mode supports progressive camera modules. 194 TIMING REQUIREMENTS AND SWITCHING CHARACTERISTICS Submit Documentation Feedback |