データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

82563EB データシート(PDF) 8 Page - Intel Corporation

部品番号 82563EB
部品情報  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB データシート(HTML) 8 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 4Page - Intel Corporation 82563EB Datasheet HTML 5Page - Intel Corporation 82563EB Datasheet HTML 6Page - Intel Corporation 82563EB Datasheet HTML 7Page - Intel Corporation 82563EB Datasheet HTML 8Page - Intel Corporation 82563EB Datasheet HTML 9Page - Intel Corporation 82563EB Datasheet HTML 10Page - Intel Corporation 82563EB Datasheet HTML 11Page - Intel Corporation 82563EB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
2
1.3
Product Codes
The following Table 1 lists the product ordering codes for the 82563EB dual port device and the
82564EB single port device.
Table 1.
Product Ordering Codes
Device
Product Code
Dual Port (Leaded)
HU82563EB
Single Port (Leaded)
HU82564EB
Dual Port (Lead Free)
HY82563EB
Single Port (Lead Free)
HY82564EB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52