データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

82563EB データシート(PDF) 43 Page - Intel Corporation

部品番号 82563EB
部品情報  82563EB/82564EB Gigabit Platform LAN Connect
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTEL [Intel Corporation]
ホームページ  http://www.intel.com
Logo INTEL - Intel Corporation

82563EB データシート(HTML) 43 Page - Intel Corporation

Back Button 82563EB Datasheet HTML 39Page - Intel Corporation 82563EB Datasheet HTML 40Page - Intel Corporation 82563EB Datasheet HTML 41Page - Intel Corporation 82563EB Datasheet HTML 42Page - Intel Corporation 82563EB Datasheet HTML 43Page - Intel Corporation 82563EB Datasheet HTML 44Page - Intel Corporation 82563EB Datasheet HTML 45Page - Intel Corporation 82563EB Datasheet HTML 46Page - Intel Corporation 82563EB Datasheet HTML 47Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 52 page
background image
82563EB/82564EB Gigabit Platform LAN Connect Networking Silicon
37
5.0
Package and Pinout Information
This section describes the 82563EB/82564EB device physical characteristics. The pin number-to-
signal mapping is indicated beginning with Section 5.3.
5.1
Package Information
The package used for the 82563EB/82564EB is a 100-pin, 14 mm x 14 mm TQFL with an
Exposed-Pad*. An Exposed-Pad* is a central pad on the bottom of the package that serves as a
ground and thermal connection.
Figure 11. Mechanical Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52