| データシートサーチシステム |
|
DP83848JSQ データシート(PDF) 64 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83848JSQ データシート(HTML) 64 Page - Texas Instruments |
|
64 / 80 page ![]() 63 www.national.com 8.2.3 MII Serial Management Timing 8.2.4 100 Mb/s MII Transmit Timing Parameter Description Notes Min Typ Max Units T2.3.1 MDC to MDIO (Output) Delay Time 0 30 ns T2.3.2 MDIO (Input) to MDC Setup Time 10 ns T2.3.3 MDIO (Input) to MDC Hold Time 10 ns T2.3.4 MDC Frequency 2.5 25 MHz MDC MDC MDIO (output) MDIO (input) Valid Data T2.3.1 T2.3.2 T2.3.3 T2.3.4 Parameter Description Notes Min Typ Max Units T2.4.1 TX_CLK High/Low Time 100 Mb/s Normal mode 16 20 24 ns T2.4.2 TXD[3:0], TX_EN Data Setup to TX_CLK 100 Mb/s Normal mode 10 ns T2.4.3 TXD[3:0], TX_EN Data Hold from TX_CLK 100 Mb/s Normal mode 0 ns TX_CLK TXD[3:0] TX_EN Valid Data T2.4.2 T2.4.3 T2.4.1 T2.4.1 |