| データシートサーチシステム |
|
DP83848JSQ データシート(PDF) 76 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DP83848JSQ データシート(HTML) 76 Page - Texas Instruments |
|
76 / 80 page ![]() 75 www.national.com 8.2.24 RMII Transmit Timing X1 TXD[1:0] TX_EN Valid Data T2.24.2 T2.24.3 T2.24.1 PMD Output Pair Symbol T2.24.4 Parameter Description Notes Min Typ Max Units T2.24.1 X1 Clock Period 50 MHz Reference Clock 20 ns T2.24.2 TXD[1:0], TX_EN, Data Setup to X1 rising 4ns T2.24.3 TXD[1:0], TX_EN, Data Hold from X1 rising 2ns T2.24.4 X1 Clock to PMD Output Pair Latency From X1 Rising edge to first bit of symbol 17 bits |