| データシートサーチシステム |
|
PCF8574T/3 データシート(PDF) 16 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574T/3 データシート(HTML) 16 Page - NXP Semiconductors |
|
16 / 33 page ![]() PCF8574_PCF8574A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5 — 27 May 2013 16 of 33 NXP Semiconductors PCF8574; PCF8574A Remote 8-bit I/O expander for I2C-bus with interrupt 13. Static characteristics [1] The power-on reset circuit resets the I2C-bus logic at VDD <VPOR and sets all I/Os to logic 1 (with current source to VDD). Table 9. Static characteristics VDD = 2.5 V to 6 V; VSS =0V; Tamb = 40 C to +85 C; unless otherwise specified. Symbol Parameter Conditions Min Typ Max Unit Supply VDD supply voltage 2.5 - 6.0 V IDD supply current operating mode; VDD = 6 V; no load; VI =VDD or VSS; fSCL = 100 kHz - 40 100 A Istb standby current standby mode; VDD = 6 V; no load; VI =VDD or VSS -2.5 10 A VPOR power-on reset voltage VDD =6V; no load; VI =VDD or VSS [1] -1.3 2.4 V Input SCL; input/output SDA VIL LOW-level input voltage 0.5 - +0.3VDD V VIH HIGH-level input voltage 0.7VDD -VDD +0.5 V IOL LOW-level output current VOL =0.4 V 3 - - mA IL leakage current VI =VDD or VSS 1- +1 A Ci input capacitance VI =VSS -- 7 pF I/Os; P0 to P7 VIL LOW-level input voltage 0.5 - +0.3VDD V VIH HIGH-level input voltage 0.7VDD -VDD +0.5 V IIHL(max) maximum allowed input current through protection diode VI VDD or VI VSS -- 400 A IOL LOW-level output current VOL =1 V; VDD =5V 10 25 - mA IOH HIGH-level output current VOH =VSS 30 - 300 A Itrt(pu) transient boosted pull-up current HIGH during acknowledge (see Figure 8); VOH =VSS; VDD =2.5 V - 1- mA Ci input capacitance - - 10 pF Co output capacitance - - 10 pF Interrupt INT (see Figure 8) IOL LOW-level output current VOL =0.4 V 1.6 - - mA IL leakage current VI =VDD or VSS 1- +1 A Select inputs A0, A1, A2 VIL LOW-level input voltage 0.5 - +0.3VDD V VIH HIGH-level input voltage 0.7VDD -VDD +0.5 V ILI input leakage current pin at VDD or VSS 250 - +250 nA |