| データシートサーチシステム |
|
PCF8574T/3 データシート(PDF) 6 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574T/3 データシート(HTML) 6 Page - NXP Semiconductors |
|
6 / 33 page ![]() PCF8574_PCF8574A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5 — 27 May 2013 6 of 33 NXP Semiconductors PCF8574; PCF8574A Remote 8-bit I/O expander for I2C-bus with interrupt 8. I/O programming 8.1 Quasi-bidirectional I/Os A quasi-bidirectional I/O is an input or output port without using a direction control register. Whenever the master reads the register, the value returned to master depends on the actual voltage or status of the pin. At power on, all the ports are HIGH with a weak 100 A internal pull-up to VDD, but can be driven LOW by an internal transistor, or an external signal. The I/O ports are entirely independent of each other, but each I/O octal is controlled by the same read or write data byte. Advantages of the quasi-bidirectional I/O over totem pole I/O include: • Better for driving LEDs since the p-channel (transistor to VDD) is small, which saves die size and therefore cost. LED drive only requires an internal transistor to ground, while the LED is connected to VDD through a current-limiting resistor. Totem pole I/O have both n-channel and p-channel transistors, which allow solid HIGH and LOW output levels without a pull-up resistor — good for logic levels. • Simpler architecture — only a single register and the I/O can be both input and output at the same time. Totem pole I/O have a direction register that specifies the port pin direction and it is always in that configuration unless the direction is explicitly changed. • Does not require a command byte. The simplicity of one register (no need for the pointer register or, technically, the command byte) is an advantage in some embedded systems where every byte counts because of memory or bandwidth limitations. Table 5. PCF8574A address map Pin connectivity Address of PCF8574A Address byte value 7-bit hexadecimal address without R/W A2 A1 A0 A6 A5 A4 A3 A2 A1 A0 R/W Write Read VSS VSS VSS 011 1000 - 70h 71h 38h VSS VSS VDD 011 1001 - 72h 73h 39h VSS VDD VSS 011 1010 - 74h 75h 3Ah VSS VDD VDD 011 1011 - 76h 77h 3Bh VDD VSS VSS 011 1100 - 78h 79h 3Ch VDD VSS VDD 011 1101 - 7Ah 7Bh 3Dh VDD VDD VSS 011 1110 - 7Ch 7Dh 3Eh VDD VDD VDD 011 1111 - 7Eh 7Fh 3Fh |