| データシートサーチシステム |
|
PCF8574T/3 データシート(PDF) 11 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8574T/3 データシート(HTML) 11 Page - NXP Semiconductors |
|
11 / 33 page ![]() PCF8574_PCF8574A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2013. All rights reserved. Product data sheet Rev. 5 — 27 May 2013 11 of 33 NXP Semiconductors PCF8574; PCF8574A Remote 8-bit I/O expander for I2C-bus with interrupt 9. Characteristics of the I2C-bus The I2C-bus is for 2-way, 2-wire communication between different ICs or modules. The two wires are a serial data line (SDA) and a serial clock line (SCL). Both lines must be connected to a positive supply via a pull-up resistor when connected to the output stages of a device. Data transfer may be initiated only when the bus is not busy. 9.1 Bit transfer One data bit is transferred during each clock pulse. The data on the SDA line must remain stable during the HIGH period of the clock pulse as changes in the data line at this time will be interpreted as control signals (see Figure 11). 9.1.1 START and STOP conditions Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW transition of the data line while the clock is HIGH is defined as the START condition (S). A LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP condition (P) (see Figure 12). 9.2 System configuration A device generating a message is a ‘transmitter’; a device receiving is the ‘receiver’. The device that controls the message is the ‘master’ and the devices which are controlled by the master are the ‘slaves’ (see Figure 13). Fig 11. Bit transfer mba607 data line stable; data valid change of data allowed SDA SCL Fig 12. Definition of START and STOP conditions mba608 SDA SCL P STOP condition S START condition |