| データシートサーチシステム |
|
LMV321M7/NOPB データシート(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7/NOPB データシート(HTML) 22 Page - Texas Instruments |
|
22 / 44 page ![]() LMV321-N, LMV321-N-Q1, LMV358-N, LMV358-N-Q1 LMV324-N, LMV324-N-Q1 SNOS012I – AUGUST 2000 – REVISED FEBRUARY 2013 www.ti.com Figure 62. Sallen-Key 2nd-Order Active High-Pass Filter State Variable Filter A state variable filter requires three op amps. One convenient way to build state variable filters is with a quad op amp, such as the LMV324 (Figure 63). This circuit can simultaneously represent a low-pass filter, high-pass filter, and bandpass filter at three different outputs. The equations for these functions are listed below. It is also called "Bi-Quad" active filter as it can produce a transfer function which is quadratic in both numerator and denominator. Figure 63. State Variable Active Filter 22 Submit Documentation Feedback Copyright © 2000–2013, Texas Instruments Incorporated Product Folder Links: LMV321-N LMV321-N-Q1 LMV358-N LMV358-N-Q1 LMV324-N LMV324-N-Q1 |