| データシートサーチシステム |
|
LMV321M7/NOPB データシート(PDF) 31 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LMV321M7/NOPB データシート(HTML) 31 Page - Texas Instruments |
|
31 / 44 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-May-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Top-Side Markings (4) Samples LMV324MX ACTIVE SOIC D 14 2500 TBD Call TI Call TI -40 to 85 LMV324M LMV324MX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324M LMV324Q1MA/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324Q1 MA LMV324Q1MAX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324Q1 MA LMV324Q1MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324 Q1MT LMV324Q1MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 125 LMV324 Q1MT LMV324Q3MA/NOPB ACTIVE SOIC D 14 55 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324Q3 MA LMV324Q3MAX/NOPB ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324Q3 MA LMV324Q3MT/NOPB ACTIVE TSSOP PW 14 94 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324 Q3MT LMV324Q3MTX/NOPB ACTIVE TSSOP PW 14 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV324 Q3MT LMV358M ACTIVE SOIC D 8 95 TBD Call TI Call TI -40 to 85 LMV 358M LMV358M/NOPB ACTIVE SOIC D 8 95 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV 358M LMV358MM ACTIVE VSSOP DGK 8 1000 TBD Call TI Call TI -40 to 85 V358 LMV358MM/NOPB ACTIVE VSSOP DGK 8 1000 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 V358 LMV358MMX ACTIVE VSSOP DGK 8 3500 TBD Call TI Call TI -40 to 85 V358 LMV358MMX/NOPB ACTIVE VSSOP DGK 8 3500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 V358 LMV358MX ACTIVE SOIC D 8 2500 TBD Call TI Call TI -40 to 85 LMV 358M LMV358MX/NOPB ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU SN Level-1-260C-UNLIM -40 to 85 LMV 358M |