データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMV321M7/NOPB データシート(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
部品番号 LMV321M7/NOPB
部品情報  Single/Dual/Quad General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LMV321M7/NOPB データシート(HTML) 34 Page - Texas Instruments

Back Button LMV321M7/NOPB Datasheet HTML 30Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 31Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 32Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 33Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 34Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 35Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 36Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 37Page - Texas Instruments LMV321M7/NOPB Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMV321M5
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV321M5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV321M5X
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV321M5X/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV321M7
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV321M7/NOPB
SC70
DCK
5
1000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV321M7X
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV321M7X/NOPB
SC70
DCK
5
3000
178.0
8.4
2.25
2.45
1.2
4.0
8.0
Q3
LMV321Q1M5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV321Q1M5X/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV321Q3M5/NOPB
SOT-23
DBV
5
1000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV321Q3M5X/NOPB
SOT-23
DBV
5
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMV324MTX
TSSOP
PW
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LMV324MTX/NOPB
TSSOP
PW
14
2500
330.0
12.4
6.95
8.3
1.6
8.0
12.0
Q1
LMV324MX
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
LMV324MX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
LMV324Q1MAX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
LMV324Q3MAX/NOPB
SOIC
D
14
2500
330.0
16.4
6.5
9.35
2.3
8.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
8-May-2013
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44