データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F676-E/P データシート(PDF) 49 Page - Microchip Technology

部品番号 PIC16F676-E/P
部品情報  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P データシート(HTML) 49 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 45Page - Microchip Technology PIC16F676-E/P Datasheet HTML 46Page - Microchip Technology PIC16F676-E/P Datasheet HTML 47Page - Microchip Technology PIC16F676-E/P Datasheet HTML 48Page - Microchip Technology PIC16F676-E/P Datasheet HTML 49Page - Microchip Technology PIC16F676-E/P Datasheet HTML 50Page - Microchip Technology PIC16F676-E/P Datasheet HTML 51Page - Microchip Technology PIC16F676-E/P Datasheet HTML 52Page - Microchip Technology PIC16F676-E/P Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 49
PIC16F630/676
7.2
A/D Acquisition Requirements
For the A/D converter to meet its specified accuracy,
the charge holding capacitor (CHOLD) must be allowed
to fully charge to the input channel voltage level. The
analog input model is shown in Figure 7-3. The source
impedance (RS) and the internal sampling switch (RSS)
impedance directly affect the time required to charge
the capacitor CHOLD. The sampling switch (RSS)
impedance varies over the device voltage (VDD), see
Figure 7-3. The maximum recommended imped-
ance for analog sources is 10 k
. As the impedance
is decreased, the acquisition time may be decreased.
After the analog input channel is selected (changed),
this acquisition must be done before the conversion
can be started.
To calculate the minimum acquisition time, Equation 7-1
may be used. This equation assumes that 1/2 LSb error
is used (1024 steps for the A/D). The 1/2 LSb error is the
maximum error allowed for the A/D to meet its specified
resolution.
To calculate the minimum acquisition time, TACQ, see
the PIC® Mid-Range Reference Manual (DS33023).
EQUATION 7-1:
ACQUISITION TIME
FIGURE 7-3:
ANALOG INPUT MODEL
TACQ
TC
TACQ
=
=
=
=
=
=
=
=
Amplifier Settling Time +
Hold Capacitor Charging Time +
Temperature Coefficient
TAMP + TC + TCOFF
2
s + TC + [(Temperature -25°C)(0.05s/°C)]
CHOLD (RIC + RSS + RS) In(1/2047)
- 120pF (1k
 + 7k + 10k) In(0.0004885)
16.47
s
2
s + 16.47s + [(50°C -25C)(0.05s/C)
19.72
s
Note 1: The reference voltage (VREF) has no effect on the equation, since it cancels itself out.
2: The charge holding capacitor (CHOLD) is not discharged after each conversion.
3: The maximum recommended impedance for analog sources is 10 k
. This is required to meet the pin
leakage specification.
CPIN
VA
RS ANx
5 pF
VDD
VT = 0.6V
VT = 0.6V
I LEAKAGE
RIC
 1K
Sampling
Switch
SS RSS
CHOLD
= DAC capacitance
VSS
6V
Sampling Switch
5V
4V
3V
2V
567 8 9 10 11
(k
)
VDD
= 120 pF
± 500 nA
Legend: CPIN
VT
I LEAKAGE
RIC
SS
CHOLD
= input capacitance
= threshold voltage
= leakage current at the pin due to
= interconnect resistance
= sampling switch
= sample/hold capacitance (from DAC)
various junctions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com