データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F676-E/P データシート(PDF) 57 Page - Microchip Technology

部品番号 PIC16F676-E/P
部品情報  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P データシート(HTML) 57 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 53Page - Microchip Technology PIC16F676-E/P Datasheet HTML 54Page - Microchip Technology PIC16F676-E/P Datasheet HTML 55Page - Microchip Technology PIC16F676-E/P Datasheet HTML 56Page - Microchip Technology PIC16F676-E/P Datasheet HTML 57Page - Microchip Technology PIC16F676-E/P Datasheet HTML 58Page - Microchip Technology PIC16F676-E/P Datasheet HTML 59Page - Microchip Technology PIC16F676-E/P Datasheet HTML 60Page - Microchip Technology PIC16F676-E/P Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 132 page
background image
 2010 Microchip Technology Inc.
DS40039F-page 57
PIC16F630/676
9.2
Oscillator Configurations
9.2.1
OSCILLATOR TYPES
The PIC16F630/676 can be operated in eight different
Oscillator Option modes. The user can program three
Configuration bits (FOSC2 through FOSC0) to select
one of these eight modes:
• LP
Low-Power Crystal
• XT
Crystal/Resonator
• HS
High Speed Crystal/Resonator
• RC
External Resistor/Capacitor (2 modes)
• INTOSC Internal Oscillator (2 modes)
• EC
External Clock In
9.2.2
CRYSTAL OSCILLATOR / CERAMIC
RESONATORS
In XT, LP or HS modes a crystal or ceramic resonator
is connected to the OSC1 and OSC2 pins to establish
oscillation (see Figure 9-1). The PIC16F630/676 oscil-
lator design requires the use of a parallel cut crystal.
Use of a series cut crystal may yield a frequency
outside of the crystal manufacturers specifications.
When in XT, LP or HS modes, the device can have an
external clock source to drive the OSC1 pin (see
Figure 9-2).
FIGURE 9-1:
CRYSTAL OPERATION (OR
CERAMIC RESONATOR)
(HS, XT OR LP OSC
CONFIGURATION)
FIGURE 9-2:
EXTERNAL CLOCK INPUT
OPERATION (HS, XT, EC,
OR LP OSC
CONFIGURATION)
TABLE 9-1:
CAPACITOR SELECTION FOR
CERAMIC RESONATORS
TABLE 9-2:
CAPACITOR SELECTION FOR
CRYSTAL OSCILLATOR
Note:
Additional information on oscillator config-
urations is available in the PIC® Mid-Range
Reference Manual, (DS33023).
Note
1:
See Table 9-1 and Table 9-2 for recommended
values of C1 and C2.
2:
A series resistor may be required for AT strip cut
crystals.
3:
RF varies with the Oscillator mode selected
(Approx. value = 10 M

C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
Sleep
To Internal
PIC16F630/676
Logic
RS(2)
Ranges Characterized:
Mode
Freq
OSC1(C1)
OSC2(C2)
XT
455 kHz
2.0 MHz
4.0 MHz
68-100 pF
15-68 pF
15-68 pF
68-100 pF
15-68 pF
15-68 pF
HS
8.0 MHz
16.0 MHz
10-68 pF
10-22 pF
10-68 pF
10-22 pF
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time. These values are for design
guidance only. Since each resonator has
its own characteristics, the user should
consult the resonator manufacturer for
appropriate values of external
components.
Mode
Freq
OSC1(C1)
OSC2(C2)
LP
32 kHz
68-100 pF
68-100 pF
XT
100 kHz
2 MHz
4 MHz
68-150 pF
15-30 pF
15-30 pF
150-200 pF
15-30 pF
15-30 pF
HS
8 MHz
10 MHz
20 MHz
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
15-30 pF
Note 1: Higher capacitance increases the stability
of the oscillator but also increases the
start-up time. These values are for design
guidance only. Rs may be required in HS
mode as well as XT mode to avoid
overdriving crystals with low drive level
specification. Since each crystal has its
own characteristics, the user should
consult the crystal manufacturer for
appropriate values of external
components.
Clock from
External System
PIC16F630/676
OSC1
OSC2(1)
Open
Note 1: Functions as RA4 in EC Osc mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com