データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F676-E/P データシート(PDF) 10 Page - Microchip Technology

部品番号 PIC16F676-E/P
部品情報  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P データシート(HTML) 10 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 6Page - Microchip Technology PIC16F676-E/P Datasheet HTML 7Page - Microchip Technology PIC16F676-E/P Datasheet HTML 8Page - Microchip Technology PIC16F676-E/P Datasheet HTML 9Page - Microchip Technology PIC16F676-E/P Datasheet HTML 10Page - Microchip Technology PIC16F676-E/P Datasheet HTML 11Page - Microchip Technology PIC16F676-E/P Datasheet HTML 12Page - Microchip Technology PIC16F676-E/P Datasheet HTML 13Page - Microchip Technology PIC16F676-E/P Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
PIC16F630/676
DS40039F-page 10
 2010 Microchip Technology Inc.
2.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling the
desired operation of the device (see Table 2-1). These
registers are static RAM.
The special registers can be classified into two sets:
core and peripheral. The Special Function Registers
associated with the “core” are described in this section.
Those related to the operation of the peripheral
features are described in the section of that peripheral
feature.
FIGURE 2-2:
DATA MEMORY MAP OF
THE PIC16F630/676
Indirect addr.(1)
TMR0
PCL
STATUS
FSR
PORTA
PCLATH
INTCON
PIR1
TMR1L
TMR1H
T1CON
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
18h
19h
1Ah
1Bh
1Ch
1Dh
1Eh
1Fh
20h
7Fh
Bank 0
Unimplemented data memory locations, read as ‘0’.
1: Not a physical register.
2: PIC16F676 only.
CMCON
VRCON
General
Purpose
Registers
accesses
20h-5Fh
64 Bytes
EEDAT
EEADR
EECON2(1)
5Fh
60h
File
Address
File
Address
WPUA
IOCA
Indirect addr.(1)
OPTION_REG
PCL
STATUS
FSR
TRISA
PCLATH
INTCON
PIE1
PCON
OSCCAL
80h
81h
82h
83h
84h
85h
86h
87h
88h
89h
8Ah
8Bh
8Ch
8Dh
8Eh
8Fh
90h
91h
92h
93h
94h
95h
96h
97h
98h
99h
9Ah
9Bh
9Ch
9Dh
9Eh
9Fh
A0h
FFh
Bank 1
DFh
E0h
ADRESH(2)
ADCON0(2)
EECON1
ADRESL(2)
ADCON1(2)
ANSEL(2)
TRISC
PORTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com