| データシートサーチシステム |
|
30F4013 データシート(PDF) 218 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
30F4013 データシート(HTML) 218 Page - Microchip Technology |
|
218 / 228 page ![]() dsPIC30F3014/4013 DS70138G-page 218 2010 Microchip Technology Inc. Revision G (November 2010) This revision includes minor typographical and formatting changes throughout the data sheet text. The major changes are referenced by their respective section in Table A-1. TABLE A-1: MAJOR SECTION UPDATES Section Name Update Description “High-Performance, 16-Bit Digital Signal Controllers” Added Note 1 to all QFN pin diagrams (see “Pin Diagrams”). Section 1.0 “Device Overview” Removed the “DCI” peripheral block from the dsPIC30F3014 Block Diagram (see Figure 1-1). Updated the Pinout I/O Descriptions for AVDD and AVSS (see Table 1-1). Section 20.0 “System Integration” Added a note on OSCTUN functionality in Section 20.2.5 “Fast RC Oscillator (FRC)”. Updated the operating frequencies for the following Oscillator Operating Modes (see Table 20-1): •XTL •XT w/PLL 16x • HS/2 w/PLL 4x, 8x, and 16x • HS/3 w/PLL 4x, 8x, and 16x • EC w/PLL 4x, 8x, and 16x Section 23.0 “Electrical Characteristics” Updated the maximum value for parameter DI19 and the minimum value for parameter DI29 in the I/O Pin Input Specifications (see Table 23-8). Removed parameter D136 and updated the minimum, typical, maximum, and conditions for parameters D122 and D134 in the Program and EEPROM specifications (see Table 23-12). |