| データシートサーチシステム |
|
30F4013 データシート(PDF) 89 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
30F4013 データシート(HTML) 89 Page - Microchip Technology |
|
89 / 228 page ![]() TABLE 13-1: dsPIC30F3014 OUTPUT COMPARE REGISTER MAP(1) TABLE 13-2: dsPIC30F4013 OUTPUT COMPARE REGISTER MAP(1) SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State OC1RS 0180 Output Compare 1 Secondary Register 0000 0000 0000 0000 OC1R 0182 Output Compare 1 Main Register 0000 0000 0000 0000 OC1CON 0184 — —OCSIDL — — — — — — — — OCFLT OCTSEL OCM<2:0> 0000 0000 0000 0000 OC2RS 0186 Output Compare 2 Secondary Register 0000 0000 0000 0000 OC2R 0188 Output Compare 2 Main Register 0000 0000 0000 0000 OC2CON 018A — —OCSIDL — — — — — — — — OCFLT OCTSE OCM<2:0> 0000 0000 0000 0000 Legend: — = unimplemented bit, read as ‘0’ Note 1: Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. SFR Name Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Reset State OC1RS 0180 Output Compare 1 Secondary Register 0000 0000 0000 0000 OC1R 0182 Output Compare 1 Main Register 0000 0000 0000 0000 OC1CON 0184 — —OCSIDL — — — — — — — — OCFLT OCTSEL OCM<2:0> 0000 0000 0000 0000 OC2RS 0186 Output Compare 2 Secondary Register 0000 0000 0000 0000 OC2R 0188 Output Compare 2 Main Register 0000 0000 0000 0000 OC2CON 018A — —OCSIDL — — — — — — — — OCFLT OCTSE OCM<2:0> 0000 0000 0000 0000 OC3RS 018C Output Compare 3 Secondary Register 0000 0000 0000 0000 OC3R 018E Output Compare 3 Main Register 0000 0000 0000 0000 OC3CON 0190 — —OCSIDL — — — — — — — — OCFLT OCTSEL OCM<2:0> 0000 0000 0000 0000 OC4RS 0192 Output Compare 4 Secondary Register 0000 0000 0000 0000 OC4R 0194 Output Compare 4 Main Register 0000 0000 0000 0000 OC4CON 0196 — —OCSIDL — — — — — — — — OCFLT OCTSEL OCM<2:0> 0000 0000 0000 0000 Legend: — = unimplemented bit, read as ‘0’ Note 1: Refer to the “dsPIC30F Family Reference Manual” (DS70046) for descriptions of register bit fields. |