| データシートサーチシステム |
|
30F4013 データシート(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
30F4013 データシート(HTML) 78 Page - Microchip Technology |
|
78 / 228 page ![]() dsPIC30F3014/4013 DS70138G-page 78 2010 Microchip Technology Inc. FIGURE 11-2: 16-BIT TIMER4 BLOCK DIAGRAM FIGURE 11-3: 16-BIT TIMER5 BLOCK DIAGRAM TON Sync PR4 T4IF Equal Comparator x 16 TMR4 Reset Event Flag TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate T4CK Sync Q Q D CK TON PR5 T5IF Equal Comparator x 16 TMR5 Reset Event Flag TGATE TCKPS<1:0> Prescaler 1, 8, 64, 256 2 TGATE TCY 1 0 1 x 0 1 0 0 T5CK ADC Event Trigger Sync Q QD CK Note: In the dsPIC30F3014 device, there is no T5CK pin. Therefore, in this device the following modes should not be used for Timer5: 2: TCS = 1 (16-bit counter) 3: TCS = 0, TGATE = 1 (gated time accumulation) |