| データシートサーチシステム |
|
30F4013 データシート(PDF) 73 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
30F4013 データシート(HTML) 73 Page - Microchip Technology |
|
73 / 228 page ![]() 2010 Microchip Technology Inc. DS70138G-page 73 dsPIC30F3014/4013 FIGURE 10-2: 16-BIT TIMER2 BLOCK DIAGRAM FIGURE 10-3: 16-BIT TIMER3 BLOCK DIAGRAM TON Sync PR2 T2IF Equal Comparator x 16 TMR2 Reset Event Flag TGATE TCKPS<1:0> 2 TGATE TCY 1 0 1 x 0 1 0 0 Gate T2CK Sync Prescaler 1, 8, 64, 256 Q Q D CK TON PR3 T3IF Equal Comparator x 16 TMR3 Reset Event Flag TGATE TCKPS<1:0> 2 TGATE TCY 1 0 1 x 0 1 0 0 T3CK ADC Event Trigger Sync Q QD CK Prescaler 1, 8, 64, 256 Note: T3CK pin does not exist on dsPIC30F3014/4013 devices. The block diagram shown here illustrates the schematic of Timer3 as implemented on the dsPIC30F6014 device. |