| データシートサーチシステム |
|
30F4013 データシート(PDF) 104 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
30F4013 データシート(HTML) 104 Page - Microchip Technology |
|
104 / 228 page ![]() dsPIC30F3014/4013 DS70138G-page 104 2010 Microchip Technology Inc. FIGURE 16-2: UART RECEIVER BLOCK DIAGRAM Read URX8 UxRXREG Low Byte Load RSR UxMODE Receive Buffer Control – Generate Flags – Generate Interrupt UxRXIF UxRX · Start bit Detect Receive Shift Register 16 Divider Control Signals UxSTA – Shift Data Characters Read Read Write Write to Buffer 8-9 (UxRSR) · Parity Check · Stop bit Detect · Shift Clock Generation · Wake Logic 16 Internal Data Bus 1 0 LPBACK From UxTX 16x Baud Clock from Baud Rate Generator or UxARX if ALTIO = 1 |