| データシートサーチシステム |
|
30F4013 データシート(PDF) 112 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
30F4013 データシート(HTML) 112 Page - Microchip Technology |
|
112 / 228 page ![]() dsPIC30F3014/4013 DS70138G-page 112 2010 Microchip Technology Inc. FIGURE 17-1: CAN BUFFERS AND PROTOCOL ENGINE BLOCK DIAGRAM Acceptance Filter RXF2(2) R(2) X B 1 A c c e p t A c c e p t Identifier Data Field Data Field Identifier Acceptance Mask RXM1(2) Acceptance Filter RXF3(2) Acceptance Filter RXF4(2) Acceptance Filter RXF5(2) M A B Acceptance Mask RXM0(2) Acceptance Filter RXF0(2) Acceptance Filter RXF1(2) R(2) X B 0 TXB2(2) Message Queue Control Transmit Byte Sequencer TXB1(2) TXB0(2) Receive Shift Transmit Shift Receive Error Transmit Error Protocol RERRCNT TERRCNT Err Pas Bus Off Finite State Machine Counter Counter Transmit Logic Bit Timing Logic CiTX(1) CiRX(1) Bit Timing Generator PROTOCOL ENGINE BUFFERS CRC Check CRC Generator Note 1: i = 1 or 2 refers to a particular CAN module (CAN1 or CAN2). 2: These are conceptual groups of registers, not SFR names by themselves. |