データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/ML データシート(PDF) 271 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/ML
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML データシート(HTML) 271 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 267Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 268Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 269Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 270Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 271Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 272Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 273Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 274Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 275Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 271
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
23.0
COMPARATOR MODULE
The Comparator module provides a set of dual input
comparators. The inputs to the comparator can be con-
figured to use any one of the four pin inputs (C1IN+,
C1IN-, C2IN+ and C2IN-) as well as the Comparator
Voltage Reference Input (CVREF).
FIGURE 23-1:
COMPARATOR I/O OPERATING MODES
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to “Section 34. Comparator”
(DS70212) of the “dsPIC33F/PIC24H
Family Reference Manual”, which is avail-
able
from
the
Microchip
website
(www.microchip.com).
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.
Note:
This peripheral contains output func-
tions that may need to be configured by
the peripheral pin select feature. For
more
information,
see
Section 11.6
“Peripheral Pin Select”.
C2
C2IN-
VIN-
VIN+
C2IN+
CVREF
C2IN+
C2OUT(1)
CMCON<7>
C1
C1IN-
VIN-
VIN+
C1IN+
CVREF
C1IN+
C1OUT(1)
CMCON<6>
C1NEG
C1POS
C2NEG
C2POS
C1INV
C2INV
C1OUTEN
C2OUTEN
C1EN
C2EN
Note 1: This peripheral’s outputs must be assigned to an available RPn pin before use. Refer to
Section 11.6 “Peripheral Pin Select” for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More