データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/ML データシート(PDF) 40 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/ML
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML データシート(HTML) 40 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 36Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 37Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 38Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 39Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 40Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 41Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 42Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 43Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 403 page
background image
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
DS70292D-page 40
Preliminary
 2009 Microchip Technology Inc.
FIGURE 4-3:
DATA MEMORY MAP FOR dsPIC33FJ32GP302/304 DEVICES WITH 4 KB RAM
0x0000
0x07FE
SFR Space
0xFFFE
X Data RAM (X)
16 bits
LSB
MSB
0xFFFF
X Data
Optionally
Mapped
into Program
Memory
Unimplemented (X)
0x0800
2 Kbyte
SFR Space
0x1000
0x0FFE
0x17FE
0x1800
4 Kbyte
SRAM Space
Y Data RAM (Y)
Near
Data
6 Kbyte
Space
0x13FE
0x1400
LSB
Address
MSB
Address
DMA RAM
0x0000
0x07FF
0x0801
0x1001
0x0FFF
0x17FF
0x1801
0x13FF
0x1401
0x8001
0x8000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More