データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DSPIC33FJ32GP202TH/ML データシート(PDF) 15 Page - Microchip Technology

部品番号 DSPIC33FJ32GP202TH/ML
部品情報  High-Performance, 16-bit Digital Signal Controllers
PDF  403 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC33FJ32GP202TH/ML データシート(HTML) 15 Page - Microchip Technology

Back Button DSPIC33FJ32GP202TH/ML Datasheet HTML 11Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 12Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 13Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 14Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 15Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 16Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 17Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 18Page - Microchip Technology DSPIC33FJ32GP202TH/ML Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 403 page
background image
 2009 Microchip Technology Inc.
Preliminary
DS70292D-page 15
dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04
1.0
DEVICE OVERVIEW
This document contains device specific information for
the dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/
X04, and dsPIC33FJ128GPX02/X04 Digital Signal
Controller (DSC) Devices. The dsPIC33F devices
contain extensive Digital Signal Processor (DSP)
functionality
with
a
high
performance
16-bit
microcontroller (MCU) architecture.
Figure 1-1 shows a general block diagram of the
core
and
peripheral
modules
in
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and dsPIC33FJ128GPX02/X04 families of devices.
Table 1-1 lists the functions of the various pins
shown in the pinout diagrams.
Note 1: This data sheet summarizes the features
of
the
dsPIC33FJ32GP302/304,
dsPIC33FJ64GPX02/X04,
and
dsPIC33FJ128GPX02/X04
families
of
devices. It is not intended to be a compre-
hensive reference source. To comple-
ment the information in this data sheet,
refer to the “dsPIC33F/PIC24H Family
Reference Manual”. Please see the
Microchip web site (www.microchip.com)
for the latest dsPIC33F/PIC24H Family
Reference Manual sections.
2: Some registers
and
associated bits
described in this section may not be avail-
able on all devices. Refer to Section 4.0
“Memory Organization” in this data
sheet for device-specific register and bit
information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More