| データシートサーチシステム |
|
DSPIC33FJ32GP202TH/ML データシート(PDF) 8 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/ML データシート(HTML) 8 Page - Microchip Technology |
|
8 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 8 Preliminary 2009 Microchip Technology Inc. Pin Diagrams (Continued) 28-Pin QFN-S(2) dsPIC33FJ128GP202 VSS PGED1/ AN2/C2IN-/RP0(1)/CN4/RB0 VSS OSC2/CLKO/CN29/PMA0/RA3 OSC1/CLKI/CN30/RA2 VCAP/VDDCORE TDO/SDA1/RP9(1) /CN21/PMD3/RB9 AN5/C1IN+/RP3 (1)/CN7/RB3 AN4/C1IN-/ RP2(1)/CN6/RB2 PGEC1/ AN3/C2IN+/RP1(1)/CN5/RB1 AN11/ RP13(1)/CN13/PMRD/RB13 AN12/ RP12(1)/CN14/PMD0/RB12 PGED2/TDI/RP10(1) /CN16/PMD2/RB10 PGEC2/TMS/RP11 (1)/CN15/PMD1/RB11 dsPIC33FJ64GP202 dsPIC33FJ32GP302 Note 1: The RPx pins can be used by any remappable peripheral. See the table “dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, and dsPIC33FJ128GPX02/X04 Controller Families” in this section for the list of available peripherals. 2: The metal plane at the bottom of the device is not connected to any pins and is recommended to be connected to VSS externally. = Pins are up to 5V tolerant 2 3 6 1 18 19 20 21 15 7 16 17 5 4 |