| データシートサーチシステム |
|
DSPIC33FJ32GP202TH/ML データシート(PDF) 397 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/ML データシート(HTML) 397 Page - Microchip Technology |
|
397 / 403 page ![]() 2009 Microchip Technology Inc. Preliminary DS70292D-page 397 dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 Timer1 External Clock Requirements ....................... 338 Timer2 External Clock Requirements ....................... 339 Timer3 External Clock Requirements ....................... 339 U UART Module UART1 Register Map............................................ 49, 50 Universal Asynchronous Receiver Transmitter (UART).... 215 Using the RCON Status Bits ............................................... 86 V Voltage Regulator (On-Chip) ............................................ 305 W Watchdog Time-out Reset (WDTR) .................................... 85 Watchdog Timer (WDT) ............................................ 301, 306 Programming Considerations ................................... 306 WWW Address.................................................................. 401 WWW, On-Line Support ..................................................... 14 |