| データシートサーチシステム |
|
DSPIC33FJ32GP202TH/ML データシート(PDF) 144 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ32GP202TH/ML データシート(HTML) 144 Page - Microchip Technology |
|
144 / 403 page ![]() dsPIC33FJ32GP302/304, dsPIC33FJ64GPX02/X04, AND dsPIC33FJ128GPX02/X04 DS70292D-page 144 Preliminary 2009 Microchip Technology Inc. TABLE 9-1: CONFIGURATION BIT VALUES FOR CLOCK SELECTION Oscillator Mode Oscillator Source POSCMD<1:0> FNOSC<2:0> Note Fast RC Oscillator with Divide-by-N (FRCDIVN) Internal xx 111 1, 2 Fast RC Oscillator with Divide-by-16 (FRCDIV16) Internal xx 110 1 Low-Power RC Oscillator (LPRC) Internal xx 101 1 Secondary (Timer1) Oscillator (SOSC) Secondary xx 100 1 Primary Oscillator (HS) with PLL (HSPLL) Primary 10 011 — Primary Oscillator (XT) with PLL (XTPLL) Primary 01 011 — Primary Oscillator (EC) with PLL (ECPLL) Primary 00 011 1 Primary Oscillator (HS) Primary 10 010 — Primary Oscillator (XT) Primary 01 010 — Primary Oscillator (EC) Primary 00 010 1 Fast RC Oscillator with PLL (FRCPLL) Internal xx 001 1 Fast RC Oscillator (FRC) Internal xx 000 1 Note 1: OSC2 pin function is determined by the OSCIOFNC Configuration bit. 2: This is the default oscillator mode for an unprogrammed (erased) device. |