| データシートサーチシステム |
|
CS3102C18-3SW データシート(PDF) 57 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3102C18-3SW データシート(HTML) 57 Page - Amphenol Corporation |
|
57 / 73 page ![]() 56 Included in the design of the 10-305200 clamp are features such as a shorter overall length, greater reduction of close-down diameters by the use of accessory sleeves and waterproofing between the clamp and attaching shells. Finish is cadmium plating per QQ-P-146 type II, class 3 with olive drab chromate after-treatment. This is a suitable replacement clamp for M85049/1. Shell Size Clamp Part No. A Thread Class 2B B Dia. E Dia. ±.016 F ±.010 G +.020 –.000 Sleeve MS Part No. H Dia. Free Closed Free ±.016 Closed 8S, 10S 10-305200-103 .5000-28UNEF .219 .027 .719 .797 1.010 3420-3A .125 .000 10SL, 12, 12S 10-305200-123 .6250-24NEF .312 .094 .844 .891 1.010 3420-4A .219 .010 14, 14S 10-305200-143 .7500-20UNEF .438 .230 .969 1.016 1.010 3420-6A 3420-4A .312 .219 .114 .020 16, 16S 10-305200-163 .8750-20UNEF .531 .316 1.094 1.109 1.010 3420-8A 3420-6A .438 .312 .222 .085 18 10-305200-183 1.0000-20UNEF .625 .378 1.219 1.219 1.041 3420-10A 3420-6A .438 .312 .200 .085 20, 22 10-305200-203 1.1875-18NEF .750 .445 1.406 1.469 1.151 3420-12A 3420-8A .541 .438 .270 .177 24, 28 10-305200-243 1.4375-18NEF .938 .611 1.656 1.656 1.151 3420-16A 3420-12A 3420-8A .750 .541 .438 .433 .260 .186 32 10-305200-323 1.7500-18NS 1.250 .922 2.000 2.125 1.291 3420-20A 3420-16A 3420-12A .938 .750 .541 .620 .442 .273 36 10-305200-363 2.0000-18NS 1.375 .922 2.250 2.250 1.510 3420-24A 3420-18A 3420-16A 1.125 .938 .750 .682 .504 .358 40 10-305200-403 2.2500-16UN 1.625 1.180 2.500 2.500 1.510 3420-28A 3420-20A 3420-16A 1.250 .938 .750 .816 .514 .368 MS/Standard Accessories 10-305200 cable clamp, MS3420( )A sleeve F B G E A Thread H MS3420-( )A Sleeve |