| データシートサーチシステム |
|
CS3102C18-3SW データシート(PDF) 61 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
CS3102C18-3SW データシート(HTML) 61 Page - Amphenol Corporation |
|
61 / 73 page ![]() 60 10-113275-XXX* For Multi-Conductor Cable One panel hole will provide mounting surface for this shell. Tightening the mounting nut locks the assembly in place and allows room for attachment of the 10-305200 clamp. 10-37093-XXX* For Multi-Conductor Cable Designed to accommodate cable entrance through panel wall or bulk- head and provide attachment for 10- 305200 cable clamp. Mounts to panel or wall with four mounting bolts. Shell Size Order Number A Thread B ±.010 C ±.005 D ±.010 E ±.010 F ±.010 10 10-113275-10X .5000-28UNEF-2A .276 .891 .875 1.031 .309 12 10-113275-12X .6250-24NEF-2A .396 .891 1.000 1.156 .354 14 10-113275-14X .7500-20UNEF-2A .512 .891 1.125 1.312 .397 16 10-113275-16X .8750-20UNEF-2A .636 .959 1.250 1.438 .442 18 10-113275-18X 1.0000-20UNEF-2A .762 .969 1.375 1.562 .486 20-22 10-113275-20X 1.1875-18NEF-2A .918 .969 1.688 1.875 .596 24-28 10-113275-24X 1.4375-18NEF-2A 1.167 .969 1.938 2.188 .685 32 10-113275-32X 1.7500-18NS-2A 1.480 1.016 2.250 2.625 .795 36 10-113275-36X 2.0000-18NS-2A 1.730 1.078 2.500 2.875 .884 40 10-113275-40X 2.2500-16UN-2A 1.972 1.141 2.750 3.125 .972 * To complete order number add shell size and suffix number from finish chart below. For example, shell size 12 with an olive drab chromate finish would be 10-113275-123 or 10- 37093-123. Shell Size Order Number A Thread B ±.010 C ±.010 D ±.010 E ±.005 F +.004 –.002 10 10-37093-10X .5000-28UNEF-2A .276 .710 .875 .594 .120 12 10-37093-12X .6250-24NEF-2A .396 .710 1.000 .719 .120 14 10-37093-14X .7500-20UNEF-2A .512 .710 1.094 .812 .120 16 10-37093-16X .8750-20UNEF-2A .636 .710 1.188 .906 .120 18 10-37093-18X 1.0000-20UNEF-2A .762 .710 1.281 .969 .120 20-22 10-37093-20X 1.1875-18NEF-2A .918 .741 1.438 1.125 .120 24-28 10-37093-24X 1.4375-18NEF-2A 1.167 .766 1.688 1.312 .147 32 10-37093-32X 1.7500-18NS-2A 1.480 .856 2.000 1.562 .147 36 10-37093-36X 2.0000-18NS-2A 1.730 .931 2.250 1.750 .173 40 10-37093-40X 2.2500-16UN-2A 1.972 .931 2.500 1.938 .173 Finish 10-No. Suffix Chromate treat -XX1 Olive drab chromate -XX3 MS/Standard Accessories thru-bulkhead shells F F D D E DIA B A THD C B A THD C E D D E F DIA |