| データシートサーチシステム |
|
PIC12F508E/MS データシート(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508E/MS データシート(HTML) 24 Page - Microchip Technology |
|
24 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 24 © 2009 Microchip Technology Inc. 4.5 OPTION Register The OPTION register is a 8-bit wide, write-only register, which contains various control bits to configure the Timer0/WDT prescaler and Timer0. By executing the OPTION instruction, the contents of the W register will be transferred to the OPTION regis- ter. A Reset sets the OPTION<7:0> bits. Note: If TRIS bit is set to ‘0’, the wake-up on change and pull-up functions are disabled for that pin (i.e., note that TRIS overrides Option control of GPPU/RBPU and GPWU/RBWU). Note: If the T0CS bit is set to ‘1’, it will override the TRIS function on the T0CKI pin. REGISTER 4-3: OPTION REGISTER (PIC12F508/509) W-1 W-1 W-1 W-1 W-1 W-1 W-1 W-1 GPWU GPPU T0CS T0SE PSA PS2 PS1 PS0 bit 7 bit 0 Legend: R = Readable bit W = Writable bit U = Unimplemented bit, read as ‘0’ -n = Value at POR ‘1’ = Bit is set ‘0’ = Bit is cleared x = Bit is unknown bit 7 GPWU: Enable Wake-up on Pin Change bit (GP0, GP1, GP3) 1 = Disabled 0 = Enabled bit 6 GPPU: Enable Weak Pull-ups bit (GP0, GP1, GP3) 1 = Disabled 0 = Enabled bit 5 T0CS: Timer0 Clock Source Select bit 1 = Transition on T0CKI pin (overrides TRIS on the T0CKI pin) 0 = Transition on internal instruction cycle clock, FOSC/4 bit 4 T0SE: Timer0 Source Edge Select bit 1 = Increment on high-to-low transition on the T0CKI pin 0 = Increment on low-to-high transition on the T0CKI pin bit 3 PSA: Prescaler Assignment bit 1 = Prescaler assigned to the WDT 0 = Prescaler assigned to Timer0 bit 2-0 PS<2:0>: Prescaler Rate Select bits 000 001 010 011 100 101 110 111 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 1 : 256 1 : 1 1 : 2 1 : 4 1 : 8 1 : 16 1 : 32 1 : 64 1 : 128 Bit Value Timer0 Rate WDT Rate |