| データシートサーチシステム |
|
PIC12F508E/MS データシート(PDF) 17 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508E/MS データシート(HTML) 17 Page - Microchip Technology |
|
17 / 110 page ![]() © 2009 Microchip Technology Inc. DS41236E-page 17 PIC12F508/509/16F505 4.0 MEMORY ORGANIZATION The PIC12F508/509/16F505 memories are organized into program memory and data memory. For devices with more than 512 bytes of program memory, a paging scheme is used. Program memory pages are accessed using one STATUS register bit. For the PIC12F509 and PIC16F505, with data memory register files of more than 32 registers, a banking scheme is used. Data memory banks are accessed using the File Select Register (FSR). 4.1 Program Memory Organization for the PIC12F508/509 The PIC12F508 device has a 10-bit Program Counter (PC) and PIC12F509 has a 11-bit Program Counter (PC) capable of addressing a 2K x 12 program memory space. Only the first 512 x 12 (0000h-01FFh) for the PIC12F508, and 1K x 12 (0000h-03FFh) for the PIC12F509 are physically implemented (see Figure 4-1). Accessing a location above these boundaries will cause a wrap-around within the first 512 x 12 space (PIC12F508) or 1K x 12 space (PIC12F509). The effective Reset vector is a 0000h (see Figure 4-1). Location 01FFh (PIC12F508) and location 03FFh (PIC12F509) contain the internal clock oscillator calibration value. This value should never be overwritten. FIGURE 4-1: PROGRAM MEMORY MAP AND STACK FOR THE PIC12F508/509 CALL, RETLW PC<11:0> Stack Level 1 Stack Level 2 12 0000h 7FFh 01FFh 0200h On-chip Program Memory Reset Vector(1) Note 1: Address 0000h becomes the effective Reset vector. Location 01FFh, 03FFh (PIC12F508, PIC12F509) contains the MOVLW XX internal oscillator calibration value. 512 Word 1024 Word 03FFh 0400h On-chip Program Memory |