| データシートサーチシステム |
|
PIC12F508E/MS データシート(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12F508E/MS データシート(HTML) 28 Page - Microchip Technology |
|
28 / 110 page ![]() PIC12F508/509/16F505 DS41236E-page 28 © 2009 Microchip Technology Inc. 4.9 Indirect Data Addressing: INDF and FSR Registers The INDF register is not a physical register. Addressing INDF actually addresses the register whose address is contained in the FSR register (FSR is a pointer). This is indirect addressing. 4.9.1 INDIRECT ADDRESSING • Register file 07 contains the value 10h • Register file 08 contains the value 0Ah • Load the value 07 into the FSR register • A read of the INDF register will return the value of 10h • Increment the value of the FSR register by one (FSR = 08) • A read of the INDR register now will return the value of 0Ah. Reading INDF itself indirectly (FSR = 0) will produce 00h. Writing to the INDF register indirectly results in a no operation (although Status bits may be affected). A simple program to clear RAM locations 10h-1Fh using indirect addressing is shown in Example 4-1. EXAMPLE 4-1: HOW TO CLEAR RAM USING INDIRECT ADDRESSING The FSR is a 5-bit wide register. It is used in conjunction with the INDF register to indirectly address the data memory area. The FSR<4:0> bits are used to select data memory addresses 00h to 1Fh. FIGURE 4-7: DIRECT/INDIRECT ADDRESSING (PIC12F508/509) PIC12F508 – Does not use banking. FSR <7:5> are unimplemented and read as ‘1’s. PIC12F509 – Uses FSR<5>. Selects between bank 0 and bank 1. FSR<7:6> are unimplemented, read as ‘1’. PIC16F505 – Uses FSR<6:5>. Selects from bank 0 to bank 3. FSR<7> is unimplemented, read as ‘1’. MOVLW 0x10 ;initialize pointer MOVWF FSR ;to RAM NEXT CLRF INDF ;clear INDF ;register INCF FSR,F ;inc pointer BTFSC FSR,4 ;all done? GOTO NEXT ;NO, clear next CONTINUE : ;YES, continue : Note 1: For register map detail, see Section 4.3 “Data Memory Organization”. 2: PIC12F509. Bank Location Select Location Select Bank Select Indirect Addressing Direct Addressing Data Memory(1) 0Fh 10h Bank 0 Bank 1(2) 0 4 5 6 (FSR) 00 01 00h 1Fh 3Fh (opcode) 0 4 5 6 (FSR) Addresses map back to addresses in Bank 0. |