| データシートサーチシステム |
|
AD5258BRMZ1-R7 データシート(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5258BRMZ1-R7 データシート(HTML) 7 Page - Analog Devices |
|
7 / 24 page ![]() Data Sheet AD5258 Rev. D | Page 7 of 24 PIN CONFIGURATION AND FUNCTION DESCRIPTIONS AD5258 TOP VIEW (Not to Scale) W 1 AD0 2 AD1 3 SDA 4 SCL 5 A B VDD GND VLOGIC 10 9 8 7 6 Figure 4. Pin Configuration Table 4. Pin Function Descriptions Pin No. Mnemonic Description 1 W W Terminal, GND ≤ VW ≤ VDD. 2 AD0 Programmable Pin 0 for Multiple Package Decoding. State is registered on power-up. 3 AD1 Programmable Pin 1 for Multiple Package Decoding. State is registered on power-up. 4 SDA Serial Data Input/Output. 5 SCL Serial Clock Input. Positive edge triggered. 6 VLOGIC Logic Power Supply. 7 GND Digital Ground. 8 VDD Positive Power Supply. 9 B B Terminal, GND ≤ VB ≤ VDD. 10 A A Terminal, GND ≤ VA ≤ VDD. |