データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP5589ACBZ-01-R7 データシート(PDF) 28 Page - Analog Devices

部品番号 ADP5589ACBZ-01-R7
部品情報  Keypad Decoder and I/O Expansion
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP5589ACBZ-01-R7 データシート(HTML) 28 Page - Analog Devices

Back Button ADP5589ACBZ-01-R7 Datasheet HTML 24Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 25Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 26Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 27Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 28Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 29Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 30Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 31Page - Analog Devices ADP5589ACBZ-01-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
ADP5589
Data Sheet
Rev. B | Page 28 of 52
GPI_STATUS_A Register 0x16
Table 30. GPI_STATUS_A Bit Descriptions
Bits
Name
R/W
Description
7
GPI_8_STAT
R
0 = GPI_8 (R7 pin) is low.
1 = GPI_8 (R7 pin) is high.
6
GPI_7_STAT
R
0 = GPI_7 (R6 pin) is low.
1 = GPI_7 (R6 pin) is high.
5
GPI_6_STAT
R
0 = GPI_6 (R5 pin) is low.
1 = GPI_6 (R5 pin) is high.
4
GPI_5_STAT
R
0 = GPI_5 (R4 pin) is low.
1 = GPI_5 (R4 pin) is high.
3
GPI_4_STAT
R
0 = GPI_4 (R3 pin) is low.
1 = GPI_4 (R3 pin) is high.
2
GPI_3_STAT
R
0 = GPI_3 (R2 pin) is low.
1 = GPI_3 (R2 pin) is high.
1
GPI_2_STAT
R
0 = GPI_2 (R1 pin) is low.
1 = GPI_2 (R1 pin) is high.
0
GPI_1_STAT
R
0 = GPI_1 (R0 pin) is low.
1 = GPI_1 (R0 pin) is high.
GPI_STATUS_B Register 0x17
Table 31. GPI_STATUS_B Bit Descriptions
Bits
Name
R/W
Description
7
GPI_16_STAT
R
0 = GPI_16 (C7 pin) is low.
1 = GPI_16 (C7 pin) is high.
6
GPI_15_STAT
R
0 = GPI_15 (C6 pin) is low.
1 = GPI_15 (C6 pin) is high.
5
GPI_14_STAT
R
0 = GPI_14 (C5 pin) is low.
1 = GPI_14 (C5 pin) is high.
4
GPI_13_STAT
R
0 = GPI_13 (C4 pin) is low.
1 = GPI_13 (C4 pin) is high.
3
GPI_12_STAT
R
0 = GPI_12 (C3 pin) is low.
1 = GPI_12 (C3 pin) is high.
2
GPI_11_STAT
R
0 = GPI_11 (C2 pin) is low.
1 = GPI_11 (C2 pin) is high.
1
GPI_10_STAT
R
0 = GPI_10 (C1 pin) is low.
1 = GPI_10 (C1 pin) is high.
0
GPI_9_STAT
R
0 = GPI_9 (C0 pin) is low.
1 = GPI_9 (C0 pin) is high.
GPI_STATUS_C Register 0x18
Table 32. GPI_STATUS_C Bit Descriptions
Bits
Name
R/W
Description
[7: 3]
Reserved.
2
GPI_19_STAT
R
0 = GPI_19 (C10 pin) is low.
1 = GPI_19 (C10 pin) is high.
1
GPI_18_STAT
R
0 = GPI_18 (C9 pin) is low.
1 = GPI_18 (C9 pin) is high.
0
GPI_17_STAT
R
0 = GPI_17 (C8 pin) is low.
1 = GPI_17 (C8 pin) is high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52