| データシートサーチシステム |
|
ADP5589ACBZ-01-R7 データシート(PDF) 47 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACBZ-01-R7 データシート(HTML) 47 Page - Analog Devices |
|
47 / 52 page ![]() Data Sheet ADP5589 Rev. B | Page 47 of 52 INT_EN Register 0x4E Table 86. INT_EN Bit Descriptions Bits Name R/W Description [7: 6] Reserved. 5 LOGIC2_IEN R/W 0 = Logic 2 interrupt is disabled. 1 = assert the INT pin if LOGIC2_INT is set. 4 LOGIC1_IEN R/W 0 = Logic 1 interrupt is disabled. 1 = assert the INT pin if LOGIC1_INT is set. 3 LOCK_IEN R/W 0 = lock interrupt is disabled. 1 = assert the INT pin if LOCK_INT is set. 2 OVRFLOW_IEN R/W 0 = overflow interrupt is disabled. 1 = assert the INT pin if OVRFLOW_INT is set. 1 GPI_IEN R/W 0 = GPI interrupt is disabled. 1 = assert the INT pin if GPI_INT is set. 0 EVENT_IEN R/W 0 = event interrupt is disabled. 1 = assert the INT pin if EVENT_INT is set. |