| データシートサーチシステム |
|
ADP5589ACBZ-01-R7 データシート(PDF) 38 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP5589ACBZ-01-R7 データシート(HTML) 38 Page - Analog Devices |
|
38 / 52 page ![]() ADP5589 Data Sheet Rev. B | Page 38 of 52 GPO_OUT_MODE_C Register 0x2F Table 55. GPO_OUT_MODE_C Bit Descriptions Bits Name R/W Description [7: 3] Reserved. 2 GPO_19_DIR R/W 0 = push/pull. 1 = open drain. 1 GPO_18_DIR R/W 0 = push/pull. 1 = open drain. 0 GPO_17_DIR R/W 0 = push/pull. 1 = open drain. GPIO_DIRECTION_A Register 0x30 Table 56. GPIO_DIRECTION_A Bit Descriptions Bits Name R/W Description 7 GPIO_8_DIR R/W 0 = GPIO 8 is an input. 1 = GPIO 8 is an output. 6 GPIO_7_DIR R/W 0 = GPIO 7 is an input. 1 = GPIO 7 is an output. 5 GPIO_6_DIR R/W 0 = GPIO 6 is an input. 1 = GPIO 6 is an output. 4 GPIO_5_DIR R/W 0 = GPIO 5 is an input. 1 = GPIO 5 is an output. 3 GPIO_4_DIR R/W 0 = GPIO 4 is an input. 1 = GPIO 4 is an output. 2 GPIO_3_DIR R/W 0 = GPIO 3 is an input. 1 = GPIO 3 is an output. 1 GPIO_2_DIR R/W 0 = GPIO 2 is an input. 1 = GPIO 2 is an output. 0 GPIO_1_DIR R/W 0 = GPIO 1 is an input. 1 = GPIO 1 is an output. GPIO_DIRECTION_B Register 0x31 Table 57. GPIO_DIRECTION_B Bit Descriptions Bits Name R/W Description 7 GPIO_16_DIR R/W 0 = GPIO 16 is an input. 1 = GPIO 16 is an output. 6 GPIO_15_DIR R/W 0 = GPIO 15 is an input. 1 = GPIO 15 is an output. 5 GPIO_14_DIR R/W 0 = GPIO 14 is an input. 1 = GPIO 14 is an output. 4 GPIO_13_DIR R/W 0 = GPIO 13 is an input. 1 = GPIO 13 is an output. 3 GPIO_12_DIR R/W 0 = GPIO 12 is an input. 1 = GPIO 12 is an output. 2 GPIO_11_DIR R/W 0 = GPIO 11 is an input. 1 = GPIO 11 is an output. 1 GPIO_10_DIR R/W 0 = GPIO 10 is an input. 1 = GPIO 10 is an output. 0 GPIO_9_DIR R/W 0 = GPIO 9 is an input. 1 = GPIO 9 is an output. |