データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6620AS データシート(PDF) 10 Page - Analog Devices

部品番号 AD6620AS
部品情報  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6620AS データシート(HTML) 10 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 6Page - Analog Devices AD6620AS Datasheet HTML 7Page - Analog Devices AD6620AS Datasheet HTML 8Page - Analog Devices AD6620AS Datasheet HTML 9Page - Analog Devices AD6620AS Datasheet HTML 10Page - Analog Devices AD6620AS Datasheet HTML 11Page - Analog Devices AD6620AS Datasheet HTML 12Page - Analog Devices AD6620AS Datasheet HTML 13Page - Analog Devices AD6620AS Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
AD6620
–10–
REV. A
MICROPORT MODE1, READ
Timing is synchronous to CLK; MODE = 1.
DATA VALID
tSC
ADDRESS VALID
N
N+1
N+2
N+3
CLK1
R/W2
DS2
CS3
D[7:0]
DTACK
A[2:0]
tSAM
N+4
N
tHC
tDD
tHC
tZD
tHA
tDTACK
tDTACK
NOTES:
1 DTACK IS DRIVEN LOW ON THE RISING EDGE OF CLK "N+3" FOR INTERNAL ACCESS (A[2:0] = 000),
CLK "N=2" OTHERWISE.
2 THE SIGNAL, R/W MAY REMAIN HIGH AND DS MAY REMAIN LOW TO CONTINUE READ MODE.
3 CS MUST RETURN TO HIGH STATE AND BE SAMPLED BY CLK (N+4 SHOWN) TO COMPLETE ACCESS
AND FORCE
DTACK HIGH.
tSC
tZR
Figure 19. MODE1 Read Timing Requirements and Switching Characteristics
MICROPORT MODE1, WRITE
Timing is synchronous to CLK; MODE = 1.
tSC
N
N+1
N+2
N+3
tSAM
N*
tDTACK
tSC
CLK1
R/W2
DS2
CS3
D[7:0]
DTACK
A[2:0]
tHC
tHC
tDTACK
tSAM
tHM
tHA
NOTES:
1 ON RISING EDGE OF "N+3" CLK, DTACK IS DRIVEN LOW.
2 THESE SIGNALS (R/W AND DS) MAY REMAIN IN LOW STATE TO CONTINUE WRITING DATA.
3 CS MUST RETURN TO HIGH STATE AND BE SAMPLED BY CLK (N+3 SHOWN) TO COMPLETE WRITE
AND FORCE
DTACK HIGH.
* THE NEXT WRITE MAY BE INITIATED ON CLK, N*.
DATA VALID
ADDRESS VALID
Figure 20. MODE1 Write Timing Requirements and Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com