データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD6620AS データシート(PDF) 13 Page - Analog Devices

部品番号 AD6620AS
部品情報  67 MSPS Digital Receive Signal Processor
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD6620AS データシート(HTML) 13 Page - Analog Devices

Back Button AD6620AS Datasheet HTML 9Page - Analog Devices AD6620AS Datasheet HTML 10Page - Analog Devices AD6620AS Datasheet HTML 11Page - Analog Devices AD6620AS Datasheet HTML 12Page - Analog Devices AD6620AS Datasheet HTML 13Page - Analog Devices AD6620AS Datasheet HTML 14Page - Analog Devices AD6620AS Datasheet HTML 15Page - Analog Devices AD6620AS Datasheet HTML 16Page - Analog Devices AD6620AS Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AD6620
–13–
REV. A
PIN CONFIGURATIONS
Parallel Output Data
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17
18
20
19
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
D6
D5
D4
VSS
D3
D2
D1
VDD
D0
DS
DTACK
R/W
VSS
MODE
A2
A1
OUT0 (LSB)
A/BOUT
I/QOUT
VDD
DVOUT
PAR/SER
RESET
TRST
TCK
TMS
TDO
TDI
VDD
SYNC NCO
SYNC CIC
SYNC RCF
VSS
AD6620
CLK
A/B
IN0 (LSB)
A0
CS
EXP0
EXP1
Serial Port
80 79 78 77 76
71 70 69 68 67 66 65
75 74 73 72
64 63 62 61
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
12
17
18
20
19
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
D6
D5
D4
VSS
D3
D2
D1
VDD
D0
DS
DTACK
R/W
VSS
MODE
A2
A1
SDIV0
A/BOUT
I/QOUT
VDD
DVOUT
PAR/SER
RESET
TRST
TCK
TMS
TDO
TDI
VDD
SYNC NCO
SYNC CIC
SYNC RCF
VSS
AD6620
CLK
A/B
IN0
A0
CS
EXP0
EXP1
THE HIGHEST NUMBERED BIT IS THE MSB FOR ALL PORTS
NC = NO CONNECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44